Part Number Hot Search : 
HUKIT40 BD46241G 6KE24A EB622R12 SA601 2SD1261A YMU762 SB1060F
Product Description
Full Text Search
 

To Download IDT75K62213 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 9M Network Search Engine (NSE) with 2 Port AMCC XSC Interface
Advanced Information IDT75K62213
To request the full datasheet, please contact your local IDT Sales Representative or call 1-831-754-4555
Introduction
As part of the IDT IP Co-Processor product family, IDT delivers high performance, feature-rich, easy-to-use, Network Search Engine (NSE) products. Using CAM (Content Addressable Memory) technology, IDT NSE products accelerate search functions for Access Control Lists (ACL), Flow Caching, and forwarding to improve performance in next generation networking equipment.
Device Description
The NSE 2 Port XSC interface is intended to work with any AMCC NPU with an external search co-processor interface (XSC). It will operate with multiple NPUs such as the nP3400 and nP7250, or can be used to satisfy the multiple XSC requirements of the nP7510. The 75K62213 is compliant with the XSC specification and the device may be optionally expanded up to eight devices deep providing 2 million entries of 32-bit width.
Features
x x x
x
x x x
x
x x x x x
128K x 72 (9M) Data and Mask cells Full Ternary Content Addressable Memory Advanced Database Management - Selectable Databases - Programmable Width per Database - Lookup widths from 32 to 512 bits - Only the selected Database is powered Maintenance Instructions - Aging - Multi Hit Invalidate - Learn per Database Support for Multiple Contexts Pool of Global Mask Registers Control and Management - 32-bit Host control port featuring glueless PPC interface - Capable of In-Band Control and Management Associated Data SRAM is supported through a glueless ZBT(R) interface Lowest Power per Application Synchronous Pipeline Operation Boundary Scan JTAG Interface 1.2V Core Supply 3.3V I/O Supply for XSC I/O and ZBT(R) SRAM
Figure 1.0 AMCC NPU Interface
CPU Port
May be expanded up to 8 NSE devices
Optional
CPU NPU#0 NSE #0
CPU
Request
CPU
ASSOCIATED ZBT SRAM
NSE #1
Request
NSE #2
2 NPU Response Ports
NPU#1
2 NPU Request Ports One or two XSC Interfaces can be enabled Result Interface
6108 dw00
APRIL 2003
1
(c) 2002 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. DSC-6108/00


▲Up To Search▲   

 
Price & Availability of IDT75K62213

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X